Part Number Hot Search : 
BC548 1N4616D 501B2 ATMEGA32 020RL HT3001 SFH4590 74HC221D
Product Description
Full Text Search
 

To Download BDW9405 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BDW94/C PNP Epitaxial Silicon Transistor
January 2005
BDW94/C
PNP Epitaxial Silicon Transistor Power Linear and Switching Application
* Power Darlington TR * Complement to BDW93 and BDW93C Respectively
1
TO-220 2.Collector 3.Emitter
1.Base
Absolute Maximum Ratings
Symbol
VCBO Collector-Base Voltage
Ta = 25C unless otherwise noted
Parameter
: BDW94 : BDW94C
Value
-45 -100 -45 -100 -12 -15 -0.2 80 150 -65 ~ 150
Units
V V V V A A A W C C
VCEO
Collector-Emitter Voltage : BDW94 : BDW94C
IC ICP IB PC TJ TSTG
Collector Current (DC) Collector Current (Pulse) * Base Current Collector Dissipation (TC = 25C) Junction Temperature Storage Temperature
(c)2005 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
BDW94/C Rev. B
BDW94/C PNP Epitaxial Silicon Transistor
Electrical Characteristics
Symbol
VCEO(sus)
TC = 25C unless otherwise noted
Parameter
Collector-Emitter Sustaining Voltage : BDW94 : BDW94C Collector Cut-off Current : BDW94 : BDW94C
Conditions
IC = -100mA, IB = 0
Min.
-45 -100
Typ.
Max
Units
V V
ICBO
VCB = -45V, IE = 0 VCB = -100V, IE = 0 VEB = -45V, IB = 0 VCE = -100V, IB = 0 VEB = -5V, IC = 0 VCE = -3V, IC = -3A VCE = -3V, IC = -5A VCE = -3V, IC = -10A IC = -5A, IB = -20mA IC = -10A, IB = -100mA IC = -5A, IB = -20mA IC = -10A, IB = -100mA IF = -5A IF = -10A -1.3 -1.8 1000 750 100
-100 -100 -1 -1 -2 20000 -2 -3 -2.5 -4 -2 -4
A A mA mA mA
ICEO
Collector Cut-off Current : BDW94 : BDW94C
IEBO hFE
Emitter Cut-off Current DC Current Gain *
VCE(sat) VBE(sat) VF
Collector-Emitter Saturation Voltage * Base-Emitter Saturation Voltage * Parallel Diode Forward Voltage *
V V V V V V
* Pulse Test: PW = 300s, Duty Cycle = 1.5% Pulsed
2 BDW94/C Rev. B
www.fairchildsemi.com
BDW94/C PNP Epitaxial Silicon Transistor
Typical Performance Characteristics
Figure 1. DC Current Gain
100k
Figure 2. Collector-Emitter Saturation Voltage
-10
VCE = -3V
10k
VCE(sat) [V], SATURATION VOLTAGE
IC= 250 IB
hFE, DC CURRENT GAIN
-1
1k
100 -0.1
-1
-10
-100
-0.1 -0.1
-1
-10
-100
IC [A], COLLECTOR CURRENT
IC [A], COLLECTOR CURRENT
Figure 3. Base-Emitter On Voltage
-20
1000
Figure 4. Output Capacitance
f=1MHz IE=0
VCE= -3V
IC [A], COLLECTOR CURRENT
-16
-12
Cob[pF], CAPACTIANCE
100
-8
-4
-0 -0.0
-0.8
-1.6
-2.4
-3.2
-4.0
10 -1 -10 -100
VBE [V], BASE-EMITTER VOLTAGE
VCB [V], COLLECTOR-BASE VOLTAGE
Figure 5. Safe Operating Area
-100
Figure 6. Power Derating
120
IC [A], COLLECTOR CURRENT
100
IC MAX.
-10
5 ms 1 ms 100uS
PC [W], POWER DISSIPATION
-1000
80
DC
60
-1
40
BDW94 BDW94A BDW94B BDW94C
-0.1 -1 -10 -100
20
0 0 50
o
100
150
200
250
VCE [V], COLLECTOR EMITTER VOLTAGE
Tc [ C], CASE TEMPERATURE
3 BDW94/C Rev. B
www.fairchildsemi.com
BDW94/C PNP Epitaxial Silicon Transistor
Mechanical Dimensions
TO-220
9.90 0.20
1.30 0.10 2.80 0.10
4.50 0.20
(8.70) o3.60 0.10
(1.70)
1.30 -0.05
+0.10
9.20 0.20
(1.46)
13.08 0.20
(1.00)
(3.00)
15.90 0.20
1.27 0.10
1.52 0.10
0.80 0.10 2.54TYP [2.54 0.20] 2.54TYP [2.54 0.20]
10.08 0.30
18.95MAX.
(3.70)
(45 )
0.50 -0.05
+0.10
2.40 0.20
10.00 0.20
Dimensions in Millimeters
4 BDW94/C Rev. B
www.fairchildsemi.com
BDW94/C PNP Epitaxial Silicon Transistor
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks.
ACExTM
ActiveArrayTM BottomlessTM CoolFETTM CROSSVOLTTM DOMETM EcoSPARKTM E2CMOSTM EnSignaTM FACTTM FACT Quiet SeriesTM
FAST(R) FASTrTM FPSTM FRFETTM GlobalOptoisolatorTM GTOTM HiSeCTM I2CTM i-LoTM ImpliedDisconnectTM
Across the board. Around the world.TM The Power Franchise(R) Programmable Active DroopTM
IntelliMAXTM ISOPLANARTM LittleFETTM MICROCOUPLERTM MicroFETTM MicroPakTM MICROWIRETM MSXTM MSXProTM OCXTM OCXProTM OPTOLOGIC(R) OPTOPLANARTM PACMANTM
POPTM Power247TM PowerEdgeTM PowerSaverTM PowerTrench(R) QFET(R) QSTM QT OptoelectronicsTM Quiet SeriesTM RapidConfigureTM RapidConnectTM SerDesTM SILENT SWITCHER(R) SMART STARTTM
SPMTM StealthTM SuperFETTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8 SyncFETTM TinyLogic(R) TINYOPTOTM TruTranslationTM UHCTM UltraFET(R) UniFETTM VCXTM
DISCLAIMER
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
LIFE SUPPORT POLICY
FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, or (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user. 2. A critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.
PRODUCT STATUS DEFINITIONS Definition of Terms
Datasheet Identification Advance Information Product Status Formative or In Design First Production Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only.
Preliminary
No Identification Needed
Full Production
Obsolete
Not In Production
Rev. I15
5 BDW94/C Rev. B
www.fairchildsemi.com


▲Up To Search▲   

 
Price & Availability of BDW9405

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X